Part Number Hot Search : 
2SC853 NMP400 HSM2838C 1N5620 3E7XX SM160312 S116L SMP13
Product Description
Full Text Search
 

To Download MAATSS0016TR Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 RoHS Compliant
Digital Attenuator, 4-Bit, Single Control 30 dB, 0.5 - 2.0 GHz
Features
* * * * * * * * Positive Single Control 2-dB Attenuation Steps to 30 dB Low DC Power Consumption Lead-Free TSSOP-16 Plastic Package 100% Matte Tin Plating over Copper Halogen-Free "Green" Mold Compound 260C Re-flow Compatible RoHS* Compliant Version of AT-264
MAATSS0016 V2
Functional Schematic 4,5
Vs
16
15
14
13
12 1
11
10
9
Description
M/A-COM's MAATSS0016 is a 4-bit, 2-dB step GaAs MMIC digital attenuator in a lead-free TSSOP-16 surface mount plastic package. The MAATSS0016 is ideally suited for use where high accuracy, very low power consumption and low intermodulation products are required. Typical applications include radio, cellular, wireless LANs, GPS equipment and other gain/level control circuits.
The MAATSS0016 is fabricated using a mature 1 micron GaAs MESFET process. The process features full chip passivation for increased performance and reliability.
16
8
4
2
1
2
3
4
5
6
7
8
4. 5.
Blocking capacitors are required on all RF ports (39 pF used for data measurements). Vs = +5 0.2 VDC must be applied at RF1 or RF2 using a 10 Kohm or greater pull-up resistor.
Pin Configuration
Pin No.
1 2
Function
Ground Ground VC1 VC2 VC3 VC4 Ground Ground
Pin No.
9 10 11 12 13 14 15 16
Function
RF2 Ground Ground Ground Ground Ground Ground RF1
Ordering Information 1
Part Number
MAATSS0016 MAATSS0016TR
Package
Bulk Packaging 1000 piece reel
3 4 5 6 7 8
1. Reference Application Note M513 for reel size information.
Absolute Maximum Ratings
Parameter
Input Power 50 MHz 500 - 2000 MHz Control Voltage Operating Temperature Storage Temperature 2. 3.
2,3
Truth Table6
VC1
1 1 1 1 0 0 6.
Absolute Maximum
+27 dBm +34 dBm -0.5 V < VC < 8.5 V -40C to +85C -65C to +150C
VC2
1 1 1 0 1 0
VC3
1 1 0 1 1 0
VC4
1 0 1 1 1 0
Attenuation (dB)
Reference Insertion Loss 2 4 8 16 30
Exceeding any one or combination of these limits may cause permanent damage to this device. M/A-COM does not recommend sustained operation near these survivability limits.
0 = 0 0.2 V, 1 = +5 V
* Restrictions on Hazardous Substances, European Union Directive 2002/95/EC. 1
M/A-COM Inc. and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice. M/A-COM makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does M/A-COM assume any liability whatsoever arising out of the use or application of any product(s) or information.
* North America Tel: 800.366.2266 / Fax: 978.366.2266 * Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300 * Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298 Visit www.macom.com for additional data sheets and product information.
RoHS Compliant
Digital Attenuator, 4-Bit, Single Control 30 dB, 0.5 - 2.0 GHz
Electrical Specifications7: TA = 25C, Z0 = 50 , VS = 5 V
Parameter
Reference Insertion Loss Attenuation Accuracy VSWR Trise, Tfall Ton, Toff Transients 1 dB Compression IP2
MAATSS0016 V2
Test Conditions
0.5 - 1.0 GHz 0.5 - 2.0 GHz 0.5 - 1.0 GHz 0.5 - 2.0 GHz 1.0 - 1.5 GHz 0.5 - 2.0 GHz 10% to 90% RF, 90% to 10% RF 50% Control to 90% RF, 50% Control to 10% RF In Band Input Power, 0.5 GHz Input Power, 0.9 GHz 0.5 GHz 0.5 - 2.0 GHz Measured Relative to Input (for two-tone Input Power up to +5 dBm) 0.5 GHz 0.5 - 2.0 GHz Measured Relative to Input (for two-tone Input Power up to +5 dBm) Vc = 5 V --
Units
dB dB
Min.
-- --
Typ.
2.0 2.2
Max.
2.4 2.7
(0.15 dB + 5% of attenuation setting in dB) dB (0.3 dB + 5% of attenuation setting in dB) dB Ratio Ratio nS nS mV dBm dBm dBm dBm dBm dBm A A -- -- -- -- -- -- -- -- -- -- -- -- -- 1.5:1 1.9:1 500 500 75 25 25 65 71 43 47 -- -- -- -- -- -- -- -- -- -- -- -- -- 10 20
IP3
IC IVS 7.
External DC blocking capacitors are required on all RF ports. Loss varies at 0.003 dB/C.
Lead-Free TSSOP-16
Reference Application Note M538 for lead-free solder reflow recommendations.
2
M/A-COM Inc. and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice. M/A-COM makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does M/A-COM assume any liability whatsoever arising out of the use or application of any product(s) or information.
* North America Tel: 800.366.2266 / Fax: 978.366.2266 * Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300 * Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298 Visit www.macom.com for additional data sheets and product information.
RoHS Compliant
Digital Attenuator, 4-Bit, Single Control 30 dB, 0.5 - 2.0 GHz
Typical Performance Curves
Insertion Loss
3.5
-40C +25C +85C
MAATSS0016 V2
VSWR
2.0
IL 2 dB 4 dB 8 dB 16 dB 30 dB
1.8
3.0
1.6 2.5 1.4 2.0 1.2
1.5 0.5
1.0
1.5
2.0
2.5
3.0
1.0 0.5
1.0
1.5
2.0
2.5
3.0
Frequency (GHz)
Frequency (GHz)
Attenuation
35 30 25 20 15
2 dB 4 dB 8 dB 16 dB 30 dB
Attenuation Accuracy
1.5
1.0
0.5
0.0
-0.5 10 5 0 0.5 -1.0
2 dB 4 dB 8 dB 16 dB 30 dB
-1.5 1.0 1.5 2.0 2.5 3.0 0.5 1.0 1.5 2.0 2.5 3.0
Frequency (GHz)
Frequency (GHz)
Handling Procedures
Please observe the following precautions to avoid damage:
Static Sensitivity
Gallium Arsenide Integrated Circuits are sensitive to electrostatic discharge (ESD) and can be damaged by static electricity. Proper ESD control techniques should be used when handling these devices.
3
M/A-COM Inc. and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice. M/A-COM makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does M/A-COM assume any liability whatsoever arising out of the use or application of any product(s) or information.
* North America Tel: 800.366.2266 / Fax: 978.366.2266 * Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300 * Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298 Visit www.macom.com for additional data sheets and product information.


▲Up To Search▲   

 
Price & Availability of MAATSS0016TR

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X